công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TIP35CW bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện TIP35CW
Giải thích chi tiết về linh kiện  Complementary Silicon High Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP35CW bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  TIP35CW Datasheet HTML 1Page - STMicroelectronics TIP35CW Datasheet HTML 2Page - STMicroelectronics TIP35CW Datasheet HTML 3Page - STMicroelectronics TIP35CW Datasheet HTML 4Page - STMicroelectronics TIP35CW Datasheet HTML 5Page - STMicroelectronics TIP35CW Datasheet HTML 6Page - STMicroelectronics TIP35CW Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3 Package Mechanical Data
TIP35CW / TIP36CW
4/7
3
Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages.
These packages have a Lead-free second level interconnect . The category of second level
interconnect is marked on the package and on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on the
inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at:
www.st.com



Html Pages

1 2 3 4 5 6 7