| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI74LPT244ASE bảng dữ liệu(PDF) 8 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI74LPT244ASE bảng dữ liệu(HTML) 8 Page - Pericom Semiconductor Corporation |
|
8 / 8 page ![]() PI74LPT244 3.3V 8-Bit Buffer /Line Driver 8 PS2058F 06/05/06 Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com Ordering Information Ordering Code Package Code Speed Grade Description PI74LPT244Q Q Blank 20-pin 150-mil wide plastic QSOP PI74LPT244QE Q Blank Pb-free & Green 20-pin 150-mil wide plastic QSOP PI74LPT244L L Blank 20-pin 173-mil wide plastic TSSOP PI74LPT244LE L Blank Pb-free & Green, 20-pin 173-mil wide plastic TSSOP PI74LPT244AQ Q A 20-pin 150-mil wide plastic QSOP PI74LPT244AQE Q A Pb-free & Green 20-pin 150-mil wide plastic QSOP PI74LPT244AS S A 20-pin 300-mil wide plastic SOIC PI74LPT244ASE S A Pb-free & Green, 20-pin 300-mil wide plastic SOIC PI74LPT244CQ Q C 20-pin 150-mil wide plastic QSOP PI74LPT244CS S C 20-pin 300-mil wide plastic SOIC PI74LPT244CSE S C Pb-free & Green, 20-pin 300-mil wide plastic SOIC PI74LPT244CQE Q C Pb-free & Green, 20-pin 150-mil wide plastic QSOP PI74LPT244AH H A 20-pin 209-mil wide plastic SSOP PI74LPT244AHE H A Pb-free & Green, 20-pin 209-mil wide plastic SSOP Notes: • Thermal characteristics can be found on the company web site at www.pericom.com/packaging/ • E = Pb-free and Green • Adding an X Suffix = Tape/Reel 06-0181 |