| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7LITE0X bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITE0X bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 125 page ![]() ST7LITE0x, ST7LITESx 8/125 Note: In the interrupt input column, “eix” defines the associated external interrupt vector. If the weak pull-up col- umn (wpu) is merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input, else the configuration is floating interrupt input. 11 PA5/ ICCDATA I/O CT HS X XX X Port A5 In Circuit Communication Data 12 PA4 I/O CT HS X XX X Port A4 13 PA3 I/O CT HS X XX X Port A3 14 PA2/ATPWM0 I/O CT HS X XX X Port A2 Auto-Reload Timer PWM0 15 PA1 I/O CT HS X XX X Port A1 16 PA0/LTIC I/O CT HS X ei0 X X Port A0 Lite Timer Input Capture Pin n° Pin Name Level Port / Control Main Function (after reset) Alternate Function Input Output 1 |