| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8721SEDS/R bảng dữ liệu(PDF) 22 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8721SEDS/R bảng dữ liệu(HTML) 22 Page - Wolfson Microelectronics plc |
|
22 / 37 page ![]() WM8721 / WM8721L Production Data w PD Rev 4.0 November 2004 22 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION 0 USB/ NORMAL 0 Mode Select 1 = USB mode (250/272fs) 0 = Normal mode (256/384fs) 1 BOSR 0 Base Over-Sampling Rate USB Mode 0 = 250fs 1 = 272fs Normal Mode 96/88.2 kHz 0 = 256fs 0 = 128fs 1 = 384fs 1 = 192fs 0001000 Sampling Control 5:2 SR[3:0] 0000 DAC sample rate control; See USB Mode and Normal Mode Sample Rate sections for operation Table 9 Sample Rate Control NORMAL MODE SAMPLE RATES In normal mode MCLK is set up according to the desired sample rates of the DAC. For DAC sampling rates of 8, 32, 48 or 96kHz, MCLK frequencies of either 12.288MHz (256fs) or 18.432MHz (384fs) can be used. DAC sampling rates of 8, 44.1 or 88.2kHz from MCLK frequencies of either 11.2896MHz (256fs) or 16.9344MHz (384fs) can be used. The table below should be used to set up the device to work with the various sample rate combinations. Refer to Digital Filter Characteristics section for an explanation of the different filter types. SAMPLING RATE DAC MCLK FREQUENCY SAMPLE RATE REGISTER SETTINGS DIGITAL FILTER TYPE KHz MHz BOSR SR3 SR2 SR1 SR0 12.288 0 (256fs) 0 0 0 0 48 18.432 1 (384fs) 0 0 0 0 1 12.288 0 (256fs) 0 0 0 1 8 18.432 1 (384fs) 0 0 0 1 1 12.288 0 (256fs) 0 1 1 0 32 18.432 1 (384fs) 0 1 1 0 1 12.288 0 (128fs) 0 1 1 1 96 18.432 1 (192fs) 0 1 1 1 2 11.2896 0 (256fs) 1 0 0 0 44.1 16.9344 1 (384fs) 1 0 0 0 1 11.2896 0 (256fs) 1 0 0 1 8 (Note 1) 16.9344 1 (384fs) 1 0 0 1 1 11.2896 0 (128fs) 1 1 1 1 88.2 16.9344 1 (192fs) 1 1 1 1 2 Table 10 Normal Mode Sample Rate Look-up Table Notes: 1. 8k not exact, actual = 8.018kHz 2. All other combinations of BOSR and SR[3:0] that are not in the truth table are invalid The BOSR bit represents the base over-sampling rate. This is the rate that the WM8721 digital signal processing is carried out at. In Normal mode, with BOSR = 0, the base over-sampling rate is at 256fs, with BOSR = 1, the base over-sampling rate is at 384fs. This can be used to determine the actual audio data rate required by the DAC. |