công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M48T86 bảng dữ liệu(PDF) 7 Page - STMicroelectronics

tên linh kiện M48T86
Giải thích chi tiết về linh kiện  5.0 V PC real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86 bảng dữ liệu(HTML) 7 Page - STMicroelectronics

Back Button M48T86_07 Datasheet HTML 3Page - STMicroelectronics M48T86_07 Datasheet HTML 4Page - STMicroelectronics M48T86_07 Datasheet HTML 5Page - STMicroelectronics M48T86_07 Datasheet HTML 6Page - STMicroelectronics M48T86_07 Datasheet HTML 7Page - STMicroelectronics M48T86_07 Datasheet HTML 8Page - STMicroelectronics M48T86_07 Datasheet HTML 9Page - STMicroelectronics M48T86_07 Datasheet HTML 10Page - STMicroelectronics M48T86_07 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
M48T86
Summary description
7/36
Table 1.
Signal names
Figure 2.
24-pin DIP connections
AD0-AD7
Multiplexed address/data bus
E
Chip enable input
R/W
WRITE enable input
DS
Data strobe input
AS
Address strobe input
RST
Reset Input
RCL
RAM clear input
MOT
Bus type select input
SQW
Square wave output
IRQ
Interrupt request output
(open drain)
VCC
Supply voltage
VSS
Ground
NC
Not connected internally
AD4
AD5
AD6
NC
AD1
AD2
AD3
NC
AD0
SQW
RST
NC
RCL
NC
NC
IRQ
DS
AS
AD7
VSS
E
R/W
MOT
VCC
AI01641
M48T86
8
1
2
3
4
5
6
7
9
10
11
12
13
14
16
15
24
23
22
21
20
19
18
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36