| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BUV298AV bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BUV298AV bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() THERMAL DATA Rthj-case Rthc-h Thermal Resistance Junction-case Max Thermal Resistance Case-heatsink With Conductive Grease Applied Max 0.5 0.05 oC/W oC/W ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit ICER Collector Cut-off Current (RBE = 5 Ω) VCE = VCEV VCE = VCEV Tj = 100 oC 0.4 2 mA mA ICEV Collector Cut-off Current (VBE = -5V) VCE = VCEV VCE = VCEV Tj = 100 oC 0.4 2 mA mA IEBO Emitter Cut-off Current (IC = 0) VEB = 5 V 2 mA VCEO(sus) ∗ Collector-Emitter Sustaining Voltage IC = 0.2 A L = 25 mH Vclamp = 450 V 450 V hFE ∗ DC Current Gain IC = 32 A VCE = 5 V 12 VCE(sat) ∗ Collector-Emitter Saturation Voltage IC = 32 A IB = 6.4 A IC = 32 A IB = 6.4 A Tj = 100 oC 0.35 0.6 1.2 2 V V VBE(sat) ∗ Base-Emitter Saturation Voltage IC = 32 A IB = 6.4 A IC = 32 A IB = 6.4 A Tj = 100 oC 1 0.9 1.5 1.5 V V diC/dt Rate of Rise of On-state Collector VCC = 300 V RC = 0 tp = 3 µs IB1 = 9.6 A Tj = 100 o C 160 210 A/ µs VCE(3 µs) Collector-Emitter Dynamic Voltage VCC = 300 V RC = 9.3 Ω IB1 = 9.6 A Tj = 100 o C 4.5 8 V VCE(5 µs) Collector-Emitter Dynamic Voltage VCC = 300 V RC = 9.3 Ω IB1 = 9.6 A Tj = 100 o C 2.5 4 V ts tf tc Storage Time Fall Time Cross-over Time IC = 32 A VCC = 50 V VBB = -5 V RBB = 0.39 Ω Vclamp = 450 V IB1 = 6.4 A L = 78 µH Tj = 100 o C 2.2 0.2 0.45 4.5 0.4 0.7 µs µs µs VCEW Maximum Collector Emitter Voltage Without Snubber ICWoff = 48 A IB1 = 6.4 A VBB = -5 V VCC = 50 V L = 52 µH RBB = 0.39 Ω Tj = 125 oC 450 V ∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 % BUV298AV 2/7 |