| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RT9758 bảng dữ liệu(PDF) 42 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT9758 bảng dữ liệu(HTML) 42 Page - Richtek Technology Corporation |
|
42 / 61 page ![]() RT9758 Copyright © 2023 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. www.richtek.com DS9758-03 May 2023 42 Table 4. Protection Function Activation List in Reverse Bypass Mode Protection Function Protection Method VOUT_OVP Reset CHG_EN = 0 VBUS_OVP Reset CHG_EN = 0 IBUS_OCP Reset CHG_EN = 0 and REVERSE_MODE_EN = 0 WRX_IRE_OCP Set Q0_CONTROL = 00 VOUT_ERR Not active TDIE_OTP Reset CHG_EN = 0 and REVERSE_MODE_EN = 0 CFLY_DIAG Not active CON_OCP Reset CHG_EN = 0 and REVERSE_MODE_EN = 0 VBUS_LOW_ERR Can't do soft-start until VBUS_LOW_ERR = 1 (Note 9) Table 5. Protection Function Activation List in DIV2 Mode Protection Function Protection Method VOUT_OVP Reset CHG_EN = 0 VBUS_OVP Reset CHG_EN = 0 IBUS_OCP Reset CHG_EN = 0 WRX_IRE_OCP Set Q0_CONTROL = 00 VOUT_ERR Reset CHG_EN = 0 TDIE_OTP Reset CHG_EN = 0 CFLY_DIAG Reset CHG_EN = 0 CON_OCP Reset CHG_EN = 0 VBUS_LOW_ERR Can't do soft-start until VBUS_LOW_ERR = 0 (Note 9) Table 6. Protection Function Activation List in Reverse DIV2 Mode Protection Function Protection Method VOUT_OVP Reset CHG_EN = 0 VBUS_OVP Reset CHG_EN = 0 IBUS_OCP Reset CHG_EN = 0 and REVERSE_MODE_EN = 0 WRX_IRE_OCP Set Q0_CONTROL = 00 VOUT_ERR Not active TDIE_OTP Reset CHG_EN = 0 and REVERSE_MODE_EN = 0 CFLY_DIAG Reset CHG_EN = 0 CON_OCP Reset CHG_EN = 0 and REVERSE_MODE_EN = 0 VBUS_LOW_ERR Can't do soft-start until VBUS_LOW_ERR = 1 (Note 9) |