| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM339ADE4 bảng dữ liệu(PDF) 36 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM339ADE4 bảng dữ liệu(HTML) 36 Page - Texas Instruments |
|
36 / 48 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 24-Aug-2023 Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LM2901BIDR SOIC D 14 3000 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 LM2901BIPWR TSSOP PW 14 3000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM2901DR SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 LM2901DR SOIC D 14 2500 330.0 16.8 6.5 9.5 2.1 8.0 16.0 Q1 LM2901DRG3 SOIC D 14 2500 330.0 16.8 6.5 9.5 2.1 8.0 16.0 Q1 LM2901DRG4 SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 LM2901DRG4 SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 LM2901NSR SO NS 14 2000 330.0 16.4 8.2 10.5 2.5 12.0 16.0 Q1 LM2901PWR TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM2901PWR TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM2901PWRG3 TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM2901PWRG4 TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM2901VQPWR TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM2901VQPWRG4 TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM339ADBR SSOP DB 14 2000 330.0 16.4 8.35 6.6 2.4 12.0 16.0 Q1 LM339ADR SOIC D 14 2500 330.0 16.8 6.5 9.5 2.1 8.0 16.0 Q1 LM339ADR SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 LM339ADRG4 SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 LM339ADRG4 SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 LM339ANSR SO NS 14 2000 330.0 16.4 8.2 10.5 2.5 12.0 16.0 Q1 LM339APWR TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM339APWR TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM339APWRG4 TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM339BIDR SOIC D 14 3000 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 LM339BIPWR TSSOP PW 14 3000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM339DBR SSOP DB 14 2000 330.0 16.4 8.35 6.6 2.4 12.0 16.0 Q1 LM339DR SOIC D 14 2500 330.0 16.8 6.5 9.5 2.1 8.0 16.0 Q1 LM339DR SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 LM339DRG3 SOIC D 14 2500 330.0 16.8 6.5 9.5 2.1 8.0 16.0 Q1 LM339DRG3 SOIC D 14 2500 330.0 17.5 6.4 9.05 2.1 8.0 16.0 Q1 LM339DRG4 SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 LM339DRG4 SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 LM339NSR SO NS 14 2000 330.0 16.4 8.2 10.5 2.5 12.0 16.0 Q1 LM339PWR TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM339PWRG3 TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM339PWRG4 TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 Pack Materials-Page 2 |