| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
53340310 bảng dữ liệu(PDF) 3 Page - Lapp. |
|
|
|||||||||||||||||||||||||||||
53340310 bảng dữ liệu(HTML) 3 Page - Lapp. |
|
3 / 3 page ![]() 53316220 DATA SHEET Valid from: 08.03.2022 SKINTOP® DIX-M Creator: MAAU1 /PDP Released: DAMU1/PDP Document: DB53316220EN Version: 07 Page 3 of 3 We reserve all rights according to DIN ISO 16016. PD 0019/05_04.18EN Part No. Size Ø A mm Ø B mm Number of boreholes C mm 53332940 M32 25,6 4 9 12,0 53340290 M40 33,8 9 2 14,5 53340310 M40 33,8 10 3 14,5 53340480 M40 33,8 8 4 14,5 53340490 M40 33,8 9 4 14,5 53340580 M40 33,8 8 5 14,5 53340590 M40 33,8 9 5 14,5 53340670 M40 33,8 7 6 14,5 53340860 M40 33,8 6 8 14,5 53340969 M40 33,8 6,9 9 14,5 53350118 M50 41,8 8 11 18,0 53350680 M50 41,8 8 6 18,0 53350780 M50 41,8 8 7 18,0 53350870 M50 41,8 7 8 18,0 53350147 M50 41,8 7 14 18,0 53350164 M50 41,8 4 16 18,0 53350166 M50 41,8 6 16 18,0 SKINTOP® DIX-M FKM Part No. Size Ø A mm Ø B mm Number of boreholes C mm 53420250 M20 16,6 5 2 8,4 53420260 M20 16,6 6 2 8,4 53440969 M40 33,8 6,9 9 14,5 SKINTOP® DIX-M SILICONE Part No. Size Ø A mm Ø B mm Number of boreholes C mm 5331 6300 M16 12,6 2 2 8 5331 6301 M16 12,6 3 2 8 5331 6302 M20 16,6 5 2 8,4 5331 6303 M20 16,6 6 2 8,4 5331 6304 M25 20,8 5 4 9,5 5331 6305 M25 20,8 6 2 9,5 5331 6306 M25 20,8 6 3 9,5 5331 6307 M25 20,8 7 3 9,5 5331 6308 M32 25,6 7 4 12 For more information please see our current catalogue. Please do not hesitate to contact our laboratory if there are any questions regarding resistance against aggressive agents and special oil. |