công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT5510 bảng dữ liệu(PDF) 2 Page - Richtek Technology Corporation

tên linh kiện RT5510
Giải thích chi tiết về linh kiện  Audio Amplifier with IV Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5510 bảng dữ liệu(HTML) 2 Page - Richtek Technology Corporation

  RT5510 Datasheet HTML 1Page - Richtek Technology Corporation RT5510 Datasheet HTML 2Page - Richtek Technology Corporation RT5510 Datasheet HTML 3Page - Richtek Technology Corporation RT5510 Datasheet HTML 4Page - Richtek Technology Corporation RT5510 Datasheet HTML 5Page - Richtek Technology Corporation RT5510 Datasheet HTML 6Page - Richtek Technology Corporation RT5510 Datasheet HTML 7Page - Richtek Technology Corporation RT5510 Datasheet HTML 8Page - Richtek Technology Corporation RT5510 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
RT5510
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5510-00
October
2019
2
Marking Information
5H : Product Code
YMDNN : Date Code
5H YM
DNN
Pin Configuration
(TOP VIEW)
SDA
VBAT
BGND
BGND
SCL
WDT/ADS2
ADS1
LX
LX
DATAO
RSTN
VREF
VBST
VBST
DATAI
DGND
AGND
OUTP
PVDD
LRCK
INT
VSNSP
PGND
PVDD
BCK
IOVDD
VSNSN
PGND
OUTN
DVDD
F4
F3
F2
F1
F5
E4
E3
E2
E1
E5
D4
D3
D2
D1
D5
C4
C3
C2
C1
C5
B4
B3
B2
B1
B5
A4
A3
A2
A1
A5
WL-CSP-30B 2.25x2.60 (BSC)
Functional Pin Description
Pin No.
Pin Name
Type
Pin Function
A1
OUTN
O
Class-D inverting output.
A2, B2
PGND
P
Power ground.
A3
VSNSN
I
Voltage sense negative input.
A4
IOVDD
P
Digital I/O supply voltage. A 0.1
F external capacitor is required.
A5
DVDD
P
Digital supply voltage. A 0.1
F external capacitor is required.
B1, C1
PVDD
P
Class-D supply voltage. Voltage is provided by VBST pin. A 22
F
external capacitor is required.
B3
VSNSP
I
Voltage sense positive input.
B4
INT
O
Interrupt output.
B5
BCK
I
I2S interface bit clock data input.
C2
OUTP
O
Class-D non-inverting output.
C3
AGND
G
Analog ground.
C4
DGND
G
Digital ground.
C5
LRCK
I
I2S interface word select data input.
D1, D2
VBST
O
Boost converter output voltage.
D3
VREF
P
Reference voltage output. A 1
F external capacitor is required.
D4
RSTN
I
Hardware reset input, high active. Normally keep low level, go
high level for hardware reset.
D5
DATAI
I
I2S interface digital audio data input.
E1, E2
LX
P
Boost converter switch input node.
E3
ADS1
I
Address select input 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com