công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT3678BE bảng dữ liệu(PDF) 2 Page - Richtek Technology Corporation

tên linh kiện RT3678BE
Giải thích chi tiết về linh kiện  Dual Channel PWM Controller with I2C Interface Control for AMD SVI3 CPU/GPU Core Power Supply
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3678BE bảng dữ liệu(HTML) 2 Page - Richtek Technology Corporation

  RT3678BE Datasheet HTML 1Page - Richtek Technology Corporation RT3678BE Datasheet HTML 2Page - Richtek Technology Corporation RT3678BE Datasheet HTML 3Page - Richtek Technology Corporation RT3678BE Datasheet HTML 4Page - Richtek Technology Corporation RT3678BE Datasheet HTML 5Page - Richtek Technology Corporation RT3678BE Datasheet HTML 6Page - Richtek Technology Corporation RT3678BE Datasheet HTML 7Page - Richtek Technology Corporation RT3678BE Datasheet HTML 8Page - Richtek Technology Corporation RT3678BE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 93 page
background image
RT3678BE
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS3678BE-00
March 2023
2
Ordering Information
Package Type
QW: WQFN-68L 8x8 (W-Type)
RT3678BE
Lead Plating System
G: Green (Halogen Free and Pb Free)
The configuration code identifier
for the register setting stored in
the internal NVM
-
Note:
Richtek products are:
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
RT3678BE
GQW
YMDNN
RT3678BEGQW: Product Code
YMDNN: Date Code
Pin Configuration
(TOP VIEW)
GND
69
29
28
27
26
25
24
23
22
21
20
19
18
34
33
32
31
30
57
58
59
60
61
62
63
64
65
66
67
68
52
53
54
55
56
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
VDDIO
SVC
SVD
SVTI
NC
ADDR
PSYS
SVTO
VCC
DRVEN
PWMA1
PWMA2
PWMA3
PWMA4
PWMA5
PWMA7
PWMA6
RGNDA
IMONA
VREF
IMONB
PWRGDA
RESET_L
SDA
ISENA8P
ISENA8N
FBA
VSENA
SCL
OCP_L
PWRENA
PWRENB
COMPA
VR_HOT#
WQFN-68L 8x8
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
ADDR
A resistor tied to ground sets I2C address. For soldering check, connect the ADDR
pin to 5V and pull the PWREN high. If the soldering is good, output voltage is 0.9V
for rail A, 1V for rail B.
2
PSYS
System input power monitor. Place the PSYS resistor as close to the IC as
possible.
3
VDDIO
Supply voltage input of SVI3 interface. This pin serves as the reference for SVC,
SVD, SVTI and SVTO.
4
SVTO
Serial VID Telemetry output. This pin is a push-pull output.
5
SVC
Serial VID Clock input. This pin is a push-pull signal which acts as a clock for SVD,
SVTI and SVTO.
6
SVD
Serial VID Data input. This pin is a push-pull signal which transmits commands
from the controller to the targets.
7
SVTI
Serial VID Telemetry input. This pin is driven by the next-furthest target on the
telemetry daisy-chain.
8, 52,
53, 63
NC
No internal connection.
9
VCC
Controller power supply. Connect this pin to 5V and place an RC filter, R = 1Ω and
C = 2.2µF. The decoupling capacitor should be placed as close to PWM controller
as possible. The recommended size of RVCC is 0603.
10
DRVEN
External driver mode control. As PSI6 command is received, this pin is in low state.
The output high level is VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com