| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RT1716WSC bảng dữ liệu(PDF) 9 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT1716WSC bảng dữ liệu(HTML) 9 Page - Richtek Technology Corporation |
|
9 / 37 page ![]() RT1716 9 DS1716-04 March 2020 www.richtek.com © Copyright 2020 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. BMC TC Mask Definition, X Values Parameter Symbol Test Conditions Min Typ Max Units Left Edge of Mask X1Tx 0.015 UI X2Tx point X2Tx 0.07 UI X3Tx point X3Tx 0.15 UI X4Tx point X4Tx 0.25 UI X5Tx point X5Tx 0.35 UI X6Tx point X6Tx 0.43 UI X7Tx point X7Tx 0.485 UI X8Tx point X8Tx 0.515 UI X9Tx point X9Tx 0.57 UI X10Tx point X10Tx 0.65 UI X11Tx point X11Tx 0.75 UI X12Tx point X12Tx 0.85 UI X13Tx point X13Tx 0.93 UI Right Edge of Mask X14Tx 0.985 UI BMC TC Mask Definition, Y Values Parameter Symbol Test Conditions Min Typ Max Units Lower bound of Outer mask Y1Tx −0.075 V Lower bound of inner mask Y2Tx 0.075 V Y3Tx point Y3Tx 0.15 V Y4Tx point Y4Tx 0.325 V Inner mask vertical midpoint Y5Tx 0.5625 V Y6Tx point Y6Tx 0.8 V Y7Tx point Y7Tx 0.975 V Y8Tx point Y8Tx 1.04 V Upper Bound of Outer mask Y9Tx 1.2 V |