| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB2504A bảng dữ liệu(PDF) 40 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2504A bảng dữ liệu(HTML) 40 Page - SMSC Corporation |
|
40 / 46 page ![]() Integrated USB 2.0 Compatible 4-Port Hub Datasheet Revision 2.1 (12-06-06) 40 SMSC USB2504/USB2504A DATASHEET Chapter 7 XNOR Test XNOR continuity tests all signal pins on the Hub (every pin except for NC, XTAL1/CLKIN, XTAL2, ATEST/REG_EN, RBIAS, TEST1, Power, and Ground). This functionality is enabled by driving TEST1 and CFG_SEL[1] high, driving SCLK low and transition RESET_N from low to high. The output from the XNOR chain is driven to GR2 . For each pin tested for continuity GR2 should toggle. |