| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA323W bảng dữ liệu(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA323W bảng dữ liệu(HTML) 38 Page - STMicroelectronics |
|
38 / 71 page ![]() Register descriptions STA323W 38/71 Table 22. lists the serial audio input formats supported by STA323W when BICKI = 32 * fs, 48 * fs or 64 * fs, where the sampling rate fs = 32, 44.1, 48, 88.2, 96, 176.4 or 192 kHz. Note: Serial input and output formats are specified distinctly. Table 21. First bit selection table SAIFB Format 0 MSB first 1 LSB first Table 22. Supported serial audio input formats BICKI SAI (3...0) SAIFB Interface format 32fs 1100 X I2S 15-bit data 1110 X Left/right-justified 16-bit data 48fs 0100 X I2S 23-bit data 0100 X I2S 20-bit data 1000 X I2S 18-bit data 0100 0 MSB first I2S 16-bit data 1100 1 LSB first I2S 16-bit data 0001 X Left-justified 24-bit data 0101 X Left-justified 20-bit data 1001 X Left-justified 18-bit data 1101 X Left-justified 16-bit data 0010 X Right-justified 24-bit data 0110 X Right-justified 20-bit data 1010 X Right-justified 18-bit data 1110 X Right-justified 16-bit data 64fs 0000 X I2S 24-bit data 0100 X I2S 20-bit data 1000 X I2S 18-bit data 0000 0 MSB first I2S 16-bit data 1100 1 LSB first I2S 16-bit data 0001 X Left-justified 24-bit data 0101 X Left-justified 20-bit data 1001 X Left-justified 18-bit data 1101 X Left-justified 16-bit data 0010 X Right-justified 24-bit data 0110 X Right-justified 20-bit data |