công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAS5036APFC bảng dữ liệu(PDF) 26 Page - Texas Instruments

tên linh kiện TAS5036APFC
Giải thích chi tiết về linh kiện  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TAS5036APFC bảng dữ liệu(HTML) 26 Page - Texas Instruments

Back Button TAS5036APFC Datasheet HTML 22Page - Texas Instruments TAS5036APFC Datasheet HTML 23Page - Texas Instruments TAS5036APFC Datasheet HTML 24Page - Texas Instruments TAS5036APFC Datasheet HTML 25Page - Texas Instruments TAS5036APFC Datasheet HTML 26Page - Texas Instruments TAS5036APFC Datasheet HTML 27Page - Texas Instruments TAS5036APFC Datasheet HTML 28Page - Texas Instruments TAS5036APFC Datasheet HTML 29Page - Texas Instruments TAS5036APFC Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
Architecture Overview
20
SLES061B—November 2002—Revised January 2004
TAS5036A
If an error recovery (described in the PWM section) occurs after a mute request has been received, the device
returns from error recovery with the channel volume set as specified by the mute command.
2.3.3 Auto Mute
Automute is an automatic sequence that can be enabled or disabled via the serial control interface. The default
for this control is enabled. When enabled, the PWM automutes an individual channel when a channel receives
from 5 ms to 50 ms of consecutive zeros. This time interval can be selectable using the automute delay
register. The default interval is 5 ms. This duration is independent of the sample rate. The automute state is
exited when two consecutive samples of nonzero data are received. The TAS5036A exit from automute is
performed quickly and preserves all music information.
This mode uses the valid low to provide a low-noise floor while maintaining a short start-up time. Noise free
entry and exit is achieved by using the PWM quiet start and stop sequences.
2.3.4 Individual Channel Mute
Individual channel mute is invoked through the serial interface. Individual channel mute permits each channel
of the TAS5036A to be individually muted and unmuted. The operation that is performed is identical to the mute
operation; however, it is performed on a per-channel basis. A TAS5036A channel is held in the mute state as
long as the serial interface mute setting for that channel is set.
2.3.5 De-Emphasis Filter
For audio sources that have been pre-emphasized, a precision 50-
µs/15-µs de-emphasis filter is provided to
support the sampling rates of 32 kHz, 44.1 kHz, and 48 kHz. See Figure 2−11 for a graph showing the
de-emphasis filtering characteristics. De-emphasis is set using two bits in the system control register.
Table 2−10. De-Emphasis Filter Characteristics
DEM_SEL2 (MSB)
DEM_SEL1
DESCRIPTION
0
0
De-emphasis disabled
0
1
De-emphasis enabled for Fs = 48 kHz
1
0
De-emphasis enabled for Fs = 44.1 kHz
1
1
De-emphasis enabled for Fs = 32 kHz
Following the change of state of the de-emphasis bits, the PWM outputs go into the soft mute state. After 128
LRCLK periods for initialization, the PWM outputs are driven to the normal (unmuted) mode.
0
−10
3.18 (50
µs)
10.6 (15
µs)
f − Frequency − kHz
De-Emphasis
Figure 2−11. De-Emphasis Filter Characteristics
2.4
Pulse-Width Modulator (PWM)
The TAS5036A contains six channels of high performance digital Equibit PWM modulators that are designed
to drive switching output stages (back ends) in both single-ended (SE) and H-bridge (bridge tied load)
configuration. The TAS5036A device uses noise shaping and sophisticated error correction algorithms to
achieve high power efficiency and high-performance digital audio reproduction.
The PWM provides six pseudodifferential outputs to drive six monolithic power stages (such as TAS5110) or
six discrete differential power stages using gate drivers (such as the TAS5182) and MOSFETs in single-ended
or bridged configurations. The TAS5036A also provides a high-performance differential output that can be
used to drive an external analog headphone amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com