công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M95040-RMB3G/S bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện M95040-RMB3G/S
Giải thích chi tiết về linh kiện  4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-RMB3G/S bảng dữ liệu(HTML) 6 Page - STMicroelectronics

Back Button M95040-RMB3G/S Datasheet HTML 2Page - STMicroelectronics M95040-RMB3G/S Datasheet HTML 3Page - STMicroelectronics M95040-RMB3G/S Datasheet HTML 4Page - STMicroelectronics M95040-RMB3G/S Datasheet HTML 5Page - STMicroelectronics M95040-RMB3G/S Datasheet HTML 6Page - STMicroelectronics M95040-RMB3G/S Datasheet HTML 7Page - STMicroelectronics M95040-RMB3G/S Datasheet HTML 8Page - STMicroelectronics M95040-RMB3G/S Datasheet HTML 9Page - STMicroelectronics M95040-RMB3G/S Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Summary description
M95040, M95020, M95010
6/42
1
Summary description
The M95040 is a 4 Kbit (512 x 8) electrically erasable programmable memory (EEPROM),
accessed by a high speed SPI-compatible bus. The other members of the family (M95020
and M95010) are identical, though proportionally smaller (2 and 1 Kbit, respectively).
Each device is accessed by a simple serial interface that is SPI-compatible. The bus signals
are C, D and Q, as shown in Table 2 and Figure 1.
The device is selected when Chip Select (S) is taken Low. Communications with the device
can be interrupted using Hold (HOLD). WRITE instructions are disabled by Write Protect
(W).
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages.
ECOPACK® packages are Lead-free and RoHS compliant.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 1.
Logic diagram
Figure 2.
8-pin package connections
1.
See Section 10: Package mechanical for package dimensions, and how to identify pin-1.
AI01789C
S
VCC
M95xxx
HOLD
VSS
W
Q
C
D
D
VSS
C
HOLD
Q
SVCC
W
AI01790D
M95xxx
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42