| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LVC1T45 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC1T45 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 22 page ![]() www.ti.com DESCRIPTION/ORDERING INFORMATION (CONTINUED) B DIR 5 4 A 3 VCCA VCCB SN74LVC1T45 SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES515H – DECEMBER 2003 – REVISED JANUARY 2007 The SN74LVC1T45 is designed for asynchronous communication between two data buses. The logic levels of the direction-control (DIR) input activate either the B-port outputs or the A-port outputs. The device transmits data from the A bus to the B bus when the B-port outputs are activated and from the B bus to the A bus when the A-port outputs are activated. The input circuitry on both A and B ports always is active and must have a logic HIGH or LOW level applied to prevent excess ICC and ICCZ. The SN74LVC1T45 is designed so that the DIR input is powered by VCCA. This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. The VCC isolation feature ensures that if either VCC input is at GND, then both ports are in the high-impedance state. NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the package. FUNCTION TABLE(1) INPUT OPERATION DIR L B data to A bus H A data to B bus (1) Input circuits of the data I/Os always are active. LOGIC DIAGRAM (POSITIVE LOGIC) 2 Submit Documentation Feedback |