công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAS9179A1 bảng dữ liệu(PDF) 8 Page - Micro Analog systems

tên linh kiện MAS9179A1
Giải thích chi tiết về linh kiện  AM Receiver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAS [Micro Analog systems]
Trang chủ  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9179A1 bảng dữ liệu(HTML) 8 Page - Micro Analog systems

  MAS9179A1 Datasheet HTML 1Page - Micro Analog systems MAS9179A1 Datasheet HTML 2Page - Micro Analog systems MAS9179A1 Datasheet HTML 3Page - Micro Analog systems MAS9179A1 Datasheet HTML 4Page - Micro Analog systems MAS9179A1 Datasheet HTML 5Page - Micro Analog systems MAS9179A1 Datasheet HTML 6Page - Micro Analog systems MAS9179A1 Datasheet HTML 7Page - Micro Analog systems MAS9179A1 Datasheet HTML 8Page - Micro Analog systems MAS9179A1 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8 (9)
DA9179.002
19 May, 2005
MAS9179 SAMPLES IN SBDIL 20 PACKAGE
NC 1
VDD 2
QO2 3
QO1 4
QO3 5
NC
6
QI 7
AGC 8
PDN2 9
OUT 10
20 VSS
19 RFI2
18 RFIM
17 RFIP
16 RFI3
15 NC
14 PDN1
13 AON
12 DEC
11 NC
Top Marking Definitions:
YYWW = Year Week
XXXXX.X = Lot Number
z = Sample Version Number
PIN DESCRIPTION
Pin Name
Pin
Type
Function
Note
NC
1
VDD
2
P
Positive Power Supply
QO2
3
AO
Quartz Filter Output for Crystal 2
QO1
4
AO
Quartz Filter Output for Crystal 1
QO3
5
AO
Quartz Filter Output for Crystal 3
NC
6
1
QI
7
AI
Quartz Filter Input for Crystal
AGC
8
AO
AGC Capacitor
PDN2
9
DI
Power Down/Frequency Selection Input 2
3
OUT
10
DO
Receiver Output
2
NC
11
DEC
12
AO
Demodulator Capacitor
AON
13
DI
AGC On Control
4
PDN1
14
DI
Power Down/Frequency Selection Input 1
3
NC
15
RFI3
16
AI
Receiver Input 3 (for Antenna Capacitor 3)
RFIP
17
AI
Positive Receiver Input
5
RFIM
18
AI
Negative Receiver Input
5
RFI2
19
AI
Receiver Input 2 (for Antenna Capacitor 2)
VSS
20
G
Power Supply Ground
A = Analog, D = Digital, P = Power, G = Ground, I = Input, O = Output, NC = Not Connected
Notes:
1) Pin 6 between QO3 and QI must be connected to VSS to eliminate DIL package leadframe parasitic
capacitances disturbing the crystal filter performance. All other NC (Not Connected) pins are also
recommended to be connected to VSS to minimize noise coupling.
2) OUT = VSS when carrier amplitude at maximum; OUT = VDD when carrier amplitude is reduced
(modulated)
-
the output is a current source/sink with |IOUT| > 5 µA
-
at power down the output is pulled to VSS (pull down switch)
3) PDN1 = VDD and PDN2 = VDD means receiver off
-
Fast start-up is triggered when the receiver is after power down controlled to power up
4) AON = VSS means AGC off (hold current gain level); AON = VDD means AGC on (working)
-
Internal pull-up with current < 1
µA which is switched off at power down
5) Receiver inputs RFIP and RFIM have both 600 k
Ω biasing MOSFET-transistors towards ground



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com