| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSACV16.00MXA040Q bảng dữ liệu(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
CSACV16.00MXA040Q bảng dữ liệu(HTML) 40 Page - STMicroelectronics |
|
40 / 153 page ![]() ST72334J/N, ST72314J/N, ST72124J 40/153 I/O PORTS (Cont’d) Figure 26. I/O Port General Block Diagram Table 6. I/O Port Mode Options Legend: NI - not implemented Off - implemented not activated On - implemented and activated Note: The diode to VDD is not implemented in the true open drain pads. A local protection between the pad and VSS is implemented to protect the de- vice against positive stress. Configuration Mode Pull-Up P-Buffer Diodes to VDD to VSS Input Floating with/without Interrupt Off Off On On Pull-up with/without Interrupt On Output Push-pull Off On Open Drain (logic level) Off True Open Drain NI NI NI (see note) DR DDR OR PAD VDD ALTERNATE ENABLE ALTERNATE OUTPUT 1 0 OR SEL DDR SEL DR SEL PULL-UP CONFIGURATION P-BUFFER (see table below) N-BUFFER PULL-UP (see table below) 1 0 ANALOG INPUT If implemented ALTERNATE INPUT VDD DIODES (see table below) FROM OTHER BITS EXTERNAL SOURCE (eix) INTERRUPT POLARITY SELECTION CMOS SCHMITT TRIGGER REGISTER ACCESS |