công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM6321 bảng dữ liệu(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM6321
Giải thích chi tiết về linh kiện  High Speed Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6321 bảng dữ liệu(HTML) 2 Page - National Semiconductor (TI)

  LM6321 Datasheet HTML 1Page - National Semiconductor (TI) LM6321 Datasheet HTML 2Page - National Semiconductor (TI) LM6321 Datasheet HTML 3Page - National Semiconductor (TI) LM6321 Datasheet HTML 4Page - National Semiconductor (TI) LM6321 Datasheet HTML 5Page - National Semiconductor (TI) LM6321 Datasheet HTML 6Page - National Semiconductor (TI) LM6321 Datasheet HTML 7Page - National Semiconductor (TI) LM6321 Datasheet HTML 8Page - National Semiconductor (TI) LM6321 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Connection Diagrams
Plastic DIP
00922302
*Heat-sinking pins. See Application section on heat sinking requirements.
Order Number LM6221N,
LM6321N or LM6121J/883
See NS Package
Number J08A or N08E
Metal Can
00922303
Note: Pin 6 connected to case.
Top View
Order Number LM6221H or
LM6121H/883
See NS Package
Number H08C
Plastic SOIC
00922307
*Pin 3 must be connected to the negative supply.
**Heat-sinking pins. See Application section on heat-sinking requirements.
These pins are at V− potential.
Order Number LM6321M
See NS Package Number M14A
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11