| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST62T30BB3 bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T30BB3 bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 84 page ![]() 32/84 ST62T30B ST62E30B IINTERRUPTS (Cont’d) 3.4.4 Interrupt sources Interrupt sources available on the ST62E30B/T30B are summarized in the Table 11 with associated mask bit to enable/disable the in- terrupt request. Table 11. Interrupt Requests and Mask Bits Peripheral Register Address Register Mask bit Masked Interrupt Source Interrupt source GENERAL IOR C8h GEN All Interrupts, excluding NMIAll TIMER TSCR1 D4h ETI TMZ: TIMER Overflow source 4 A/D CONVERTER ADCR D1h EAI EOC: End of Conversion source 4 UART UARTCR D7h RXIEN TXIEN RXRDY: Byte received TXMT: Byte sent source 4 ARTIMER SCR1 SCR2 SCR3 SCR3 SCR3 E8h E1h E2h E2h E2h OVFIEN CP1IEN CP2IEN ZEROIEN CMPIEN OVFFLG: ARTIMER Overflow CP1FLG CP2FLG ZEROFLG: Compare to zero flag CMPFLG: Compare flag source 3 SPI SPI DCh ALL End of Transmission source 1 Port PAn ORPA-DRPA C0h-C4h ORPAn-DRPAn PAn pin source 1 Port PBn ORPB-DRPB C1h-C5h ORPBn-DRPBn PBn pin source 2 Port PCn ORPC-DRPC C2h-C6h ORPCn-DRPCn PCn pin source 0 Port PDn ORPD-DRPD C3h-C7h ORPDn-DRPDn PDn pin source 2 |