| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6730BTR bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6730BTR bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 52 page ![]() Application details L6730 - L6730B 34/52 6.2 Output capacitors The output capacitors are basic components for the fast transient response of the power supply. They depend on the output voltage ripple requirements, as well as any output voltage deviation requirement during a load transient. During a load transient, the output capacitors supply the current to the load or absorb the current stored into the inductor until the converter reacts. In fact, even if the controller recognizes immediately the load transient and sets the duty cycle at 100% or 0%, the current slope is limited by the inductor value. The output voltage has a first drop due to the current variation inside the capacitor (neglecting the effect of the ESL): Moreover, there is an additional drop due to the effective capacitor discharge or charge that is given by the following formulas: Formula (8) is valid in case of positive load transient while the formula (9) is valid in case of negative load transient. DMAX is the maximum duty cycle value that in the L6730/B is 100%. For a given inductor value, minimum input voltage, output voltage and maximum load transient, a maximum ESR, and a minimum COUT value can be set. The ESR and COUT values also affect the static output voltage ripple. In the worst case the output voltage ripple can be calculated with the following formula: Usually the voltage drop due to the ESR is the biggest one while the drop due to the capacitor discharge is almost negligible. 6.3 Input capacitors The input capacitors have to sustain the RMS current flowing through them, that is: Where D is the duty cycle. The equation reaches its maximum value, IOUT/2 with D = 0.5. The losses in worst case are: ESR Iout Vout ESR ⋅ ∆ = ∆ (7) ) max min , ( 2 2 Vout D Vin Cout L Iout Vout COUT − ⋅ ⋅ ⋅ ⋅ ∆ = ∆ (8) Vout Cout L Iout Vout COUT ⋅ ⋅ ⋅ ∆ = ∆ 2 2 (9) ) 8 1 ( Fsw Cout ESR I Vout L ⋅ ⋅ + ⋅ ∆ = ∆ (10) ) 1 ( D D Iout Irms − ⋅ ⋅ = (11) 2 ) 5 . 0 ( Iout ESR P ⋅ ⋅ = (12) |