| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95040-RMN6P/G bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95040-RMN6P/G bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 42 page ![]() Signal description M95040, M95020, M95010 10/42 When VCC has passed the POR threshold voltage, the device is reset and in the following state: ● in Standby Power mode ● deselected (at next Power-up, a falling edge is required on Chip Select (S) before any instruction can be executed) ● not in the Hold Condition Status register state: – the Write Enable Latch (WEL) is reset to 0 – the Write In Progress (WIP) is reset to 0. The SRWD, BP1 and BP0 bits of the Status Register are at the same logic level as when the device was last powered down (they are non-volatile bits) 2.8.4 Power-down At Power-down (continuous decrease of VCC), as soon as VCC drops from the normal operating voltage to below the Power On Reset threshold voltage, the device stops responding to any instruction sent to it. At Power-down, the device must be deselected and in Standby Power mode (that is there should be no internal Write cycle in progress). Chip Select (S) should be allowed to follow the voltage applied on VCC. |