| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M27C2001 bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M27C2001 bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 25 page ![]() M27C2001 DC and AC parameters 16/25 Table 10. Read Mode AC Characteristics (1) (TA = 0 to 70°C or –40 to 85°C; VCC = 5V ± 5% or 5V ± 10%; VPP = VCC) 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. Symbol Alt Parameter Test Condition M27C2001 Unit -10 -12 -15/-20/-25 Min Max Min Max Min Max tAVQV tACC Address Valid to Output Valid E = VIL, G = VIL 100 120 150 ns tELQV tCE Chip Enable Low to Output Valid G = VIL 100 120 150 ns tGLQV tOE Output Enable Low to Output Valid E = VIL 50 50 60 ns tEHQZ (2) 2. Sampled only, not 100% tested. tDF Chip Enable High to Output Hi-Z G = VIL 030 0 40 0 50 ns tGHQZ (2) tDF Output Enable High to Output Hi-Z E = VIL 030 0 40 0 50 ns tAXQX tOH Address Transition to Output Transition E = VIL, G = VIL 00 0 ns |