| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST173C12CDK1LP bảng dữ liệu(PDF) 2 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
ST173C12CDK1LP bảng dữ liệu(HTML) 2 Page - International Rectifier |
|
2 / 9 page ![]() ST173CPbF Series 2 Bulletin I25233 10/06 www.irf.com Voltage V DRM /V RRM , maximum V RSM , maximum I DRM /I RRM max. Type number Code repetitive peak voltage non-repetitive peak voltage @ T J = T J max. VV mA 10 1000 1100 12 1200 1300 I T(AV) Max. average on-state current 330 (120) A 180° conduction, half sine wave @ Heatsink temperature 55 (85) °C double side (single side) cooled I T(RMS) Max. RMS on-state current 610 DC @ 25°C heatsink temperature double side cooled I TSM Max. peak, one half cycle, 4680 t = 10ms No voltage non-repetitive surge current 4900 A t = 8.3ms reapplied 3940 t = 10ms 100% V RRM 4120 t = 8.3ms reapplied Sinusoidal half wave, I2t Maximum I2t for fusing 110 t = 10ms No voltage Initial T J = T J max 100 t = 8.3ms reapplied 77 t = 10ms 100% V RRM 71 t = 8.3ms reapplied I2 √t Maximum I2 √t for fusing 1100 KA2 √s t = 0.1 to 10ms, no voltage reapplied Parameter ST173C..C Units Conditions On-state Conduction KA2s ELECTRICAL SPECIFICATIONS Voltage Ratings ST173C..C 40 Frequency Units 50Hz 760 660 1200 1030 5570 4920 400Hz 730 590 1260 1080 2800 2460 1000Hz 600 490 1200 1030 1620 1390 A 2500Hz 350 270 850 720 800 680 Recovery voltage Vr 50 50 50 50 50 50 Voltage before turn-on Vd V DRM V DRM V DRM Rise of on-state current di/dt 50 50 - - - - A/ μs Heatsink temperature 40 55 40 55 40 55 °C Equivalent values for RC circuit 47 Ω / 0.22µF 47 Ω / 0.22µF 47 Ω / 0.22µF I TM 180oel 180oel 100 μs I TM I TM Current Carrying Capability V |