| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST11LP12 bảng dữ liệu(PDF) 15 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST11LP12 bảng dữ liệu(HTML) 15 Page - Silicon Storage Technology, Inc |
|
15 / 17 page ![]() Preliminary Specifications 4.9-5.8 GHz High-Linearity Power Amplifier SST11LP12 15 ©2006 SST Communications Corp. S71278-01-000 1/06 PRODUCT ORDERING INFORMATION Valid combinations for SST11LP12 SST11LP12-QCF SST11LP12 Evaluation Kits SST11LP12-QCF-K Note: Valid combinations are those products in mass production or will be in mass production. Consult your SST sales representative to confirm availability of valid combinations and to determine availability of new combinations. SST11LP 12 - QC F SSTXXLP XX -XX X Environmental Attribute F1 = non-Pb / non-Sn contact (lead) finish: Nickel plating with Gold top (outer) layer Package Modifier C = 16 contact Package Type Q = WQFN Product Family Identifier Product Type P = Power Amplifier Voltage L = 3.0-3.6V Frequency of Operation 1 = 4.9-5.8 GHz Product Line 1 = SST Communications 1. Environmental suffix “F” denotes non-Pb/non-SN solder. SST non-Pb/non-Sn solder devices are “RoHS Compliant”. |