| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB90347CE bảng dữ liệu(PDF) 27 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90347CE bảng dữ liệu(HTML) 27 Page - fujitsu semiconductor |
|
27 / 85 page ![]() MB90340E Series 27 ■ BLOCK DIAGRAMS MB90V340E-101/102 RAM UART Prescaler 8/10-bit 24 channels 16-bit Reload IO Timer 0 Clock Controller Input Capture 8 channels Output Compare 8 channels CAN Controller External Interrupt 16LX CPU X0,X1 RST SOT4 to SOT0 SCK4 to SCK0 SIN4 to SIN0 AVCC AVSS AN23 to AN0 AVRH AVRL ADTG TIN3 to TIN0 TOT3 to TOT0 IN7 to IN0 OUT7 to OUT0 RX2 to RX0 TX2 to TX0 INT15 to INT8 External Bus Interface AD15 to AD00 A23 to A16 ALE RD WR/WRL WRH HRQ HAK RDY CLK X0A,X1A* 5 channels 10-bit D/A converter 2 channels DA01, DA00 IO Timer 1 FRCK0 FRCK1 8/16-bit PPG 16 channels PPGF to PPG0 I2C Interface SDA1, SDA0 SCL1, SCL0 3 channels 5 channels 2 channels DMAC * : Only for MB90V340E-102 Clock Monitor CKOT (INT15R to INT8R) INT7 to INT0 A/D converter 30 Kbytes 16 channels 4 channels Timer |