| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD16876 bảng dữ liệu(PDF) 2 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD16876 bảng dữ liệu(HTML) 2 Page - NEC |
|
2 / 20 page ![]() Data Sheet S14288EJ1V0DS 2 µµµµPD16876 BLOCK DIAGRAM Overcurrent detection block OUT (Output) OUT (Output) IN (Input) IN (Input) LATCH (Input) FLG (Flag output) Overvoltage lockout circuit GND Thermal shutdown circuit 3 4 CTL (Control Input) 2 5 8 Reference voltage Gate control 1 6 7 NOTES ON CORRECT USE • No internal resistor is connected to input pins LATCH (pin 1) and CTL (pin 2). When using the µPD16876, therefore, be sure to set the voltage level of these input pins to “H” or “L”. • Plural terminal (IN, OUT) is not only 1 terminal and connect all terminals. |