| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
75N75-TM3-R bảng dữ liệu(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
75N75-TM3-R bảng dữ liệu(HTML) 1 Page - Unisonic Technologies |
|
1 / 8 page ![]() UNISONIC TECHNOLOGIES CO., LTD 75N75 Power MOSFET www.unisonic.com.tw 1 of 8 Copyright © 2005 Unisonic Technologies Co., Ltd. QW-R502-097,A 75Amps, 75Volts N-CHANNEL POWER MOSTFET DESCRIPTION The UTC 75N75 is n-channel enhancement mode power field effect transistors with stable off-state characteristics, fast switching speed, low thermal resistance, usually used at telecom and computer application. FEATURES * RDS(ON) = 12.5mΩ @VGS = 10 V * Ultra low gate charge ( typical 90 nC ) * Fast switching capability * Avalanche energy Specified * Improved dv/dt capability, high ruggedness SYMBOL 1.Gate 3.Source 2.Drain TO-220 1 TO-252 TO- 251 1 1 1 TO-220F *Pb-free plating product number: 75N75L ORDERING INFORMATION Order Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing 75N75-TA3-T 75N75L-TA3-T TO-220 G D S Tube 75N75-TF3-T 75N75L-TF3-T TO-220F G D S Tube 75N75-TM3-T 75N75L-TM3-T TO-251 G D S Tube 75N75-TN3-R 75N75L-TN3-R TO-252 G D S Tape Reel 75N75-TN3-T 75N75L-TN3-T TO-252 G D S Tube Note: Pin Assignment: G: Gate D: Drain S: Source 75N75L-TA3-T (1)Packing Type (2)Package Type (3)Lead Plating (1) T: Tube, R: Tape Reel (2) TA3: TO-220, TF3: TO-220F, TM3: TO-251, TN 3: TO-252 (3) L: Lead Free Plating, Blank: Pb/Sn |
Số phần tương tự - 75N75-TM3-R |
|
Mô tả tương tự - 75N75-TM3-R |