công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7FL15F1MAE bảng dữ liệu(PDF) 27 Page - STMicroelectronics

tên linh kiện ST7FL15F1MAE
Giải thích chi tiết về linh kiện  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL15F1MAE bảng dữ liệu(HTML) 27 Page - STMicroelectronics

Back Button ST7FL15F1MAE Datasheet HTML 23Page - STMicroelectronics ST7FL15F1MAE Datasheet HTML 24Page - STMicroelectronics ST7FL15F1MAE Datasheet HTML 25Page - STMicroelectronics ST7FL15F1MAE Datasheet HTML 26Page - STMicroelectronics ST7FL15F1MAE Datasheet HTML 27Page - STMicroelectronics ST7FL15F1MAE Datasheet HTML 28Page - STMicroelectronics ST7FL15F1MAE Datasheet HTML 29Page - STMicroelectronics ST7FL15F1MAE Datasheet HTML 30Page - STMicroelectronics ST7FL15F1MAE Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 138 page
background image
ST7L15, ST7L19
27/138
SUPPLY, RESET AND CLOCK MANAGEMENT (cont’d)
The RESET pin is an asynchronous signal which
plays a major role in EMS performance. In a noisy
environment, it is recommended to follow the
guidelines mentioned in Section 13 ELECTRICAL
CHARACTERISTICS.
7.5.3 External Power-On RESET
If the LVD is disabled by the option byte, to start up
the microcontroller correctly, the user must use an
external reset circuit to ensure that the reset signal
is held low until VDD is over the minimum level
specified for the selected fOSC frequency.
A proper reset signal for a slow rising VDD supply
can generally be provided by an external RC net-
work connected to the RESET pin.
7.5.4 Internal Low Voltage Detector (LVD)
RESET
Two different RESET sequences caused by the in-
ternal LVD circuitry can be distinguished:
■ Power-On RESET
■ Voltage Drop RESET
The device RESET pin acts as an output that is
pulled low when VDD <VIT+ (rising edge) or
VDD <VIT- (falling edge) as shown in Figure 15.
The LVD filters spikes on VDD larger than tg(VDD) to
avoid parasitic resets.
7.5.5 Internal Watchdog RESET
The RESET sequence generated by an internal
Watchdog counter overflow is shown in Figure 15.
Starting from the Watchdog counter underflow, the
device RESET pin acts as an output that is pulled
low during at least tw(RSTL)out.
Figure 15. RESET Sequences
VDD
RUN
RESET PIN
EXTERNAL
WATCHDOG
ACTIVE PHASE
VIT+(LVD)
VIT-(LVD)
th(RSTL)in
RUN
WATCHDOG UNDERFLOW
tw(RSTL)out
RUN
RUN
RESET
RESET
SOURCE
EXTERNAL
RESET
LVD
RESET
WATCHDOG
RESET
INTERNAL RESET (256 or 4096 tCPU)
VECTOR FETCH
ACTIVE
PHASE
ACTIVE
PHASE
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More