| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M41T83SM6E bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T83SM6E bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 58 page ![]() M41T82 M41T83 Operation 19/58 2.3 WRITE mode In this mode the master transmitter transmits to the M41T8x slave receiver. Bus protocol is shown in Figure 15. Following the START condition and slave address, a logic '0' (R/W = 0) is placed on the bus and indicates to the addressed device that word address “An” will follow and is to be written to the on- chip address pointer. The data word to be written to the memory is strobed in next and the internal address pointer is incremented to the next address location on the reception of an acknowledge clock. The M41T8x slave receiver will send an acknowledge clock to the master transmitter after it has received the slave address see Figure 12 on page 17 and again after it has received the word address and each data byte. Figure 15. WRITE mode sequence AI00591 BUS ACTIVITY: S P SDA LINE BUS ACTIVITY: MASTER DATA n DATA n+1 DATA n+X WORD ADDRESS (An) SLAVE ADDRESS |