công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PMDPB58UPE bảng dữ liệu(PDF) 4 Page - Nexperia B.V. All rights reserved

tên linh kiện PMDPB58UPE
Giải thích chi tiết về linh kiện  20 V dual P-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMDPB58UPE bảng dữ liệu(HTML) 4 Page - Nexperia B.V. All rights reserved

  PMDPB58UPE Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMDPB58UPE Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMDPB58UPE Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMDPB58UPE Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMDPB58UPE Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMDPB58UPE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMDPB58UPE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMDPB58UPE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMDPB58UPE Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PMDPB58UPE
20 V dual P-channel Trench MOSFET
PMDPB58UPE
All information provided in this document is subject to legal disclaimers.
Product data sheet
3 February 2016
4 / 14
aaa-003791
-1
-10-1
-10
-102
ID
(A)
-10-2
VDS (V)
-10-1
-102
-10
-1
tp = 100 µs
tp = 1 ms
tp = 10 ms
tp = 100 ms
Limit RDSon = VDS/ID
DC; Tsp = 25 °C
DC; Tamb = 25 °C;
drain mounting pad 6 cm2
IDM = single pulse
Fig. 3. Safe operating area; junction to ambient; continuous and peak drain currents as a function of drain-
source voltage
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
[1]
-
212
244
K/W
in free air
[2]
-
90
104
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
in free air; t ≤ 5 s
[2]
-
55
64
K/W
Rth(j-sp)
thermal resistance
from junction to solder
point
-
11
15
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain 6 cm2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com