công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PHT4NQ10LT bảng dữ liệu(PDF) 2 Page - Nexperia B.V. All rights reserved

tên linh kiện PHT4NQ10LT
Giải thích chi tiết về linh kiện  N-channel TrenchMOS logic level FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PHT4NQ10LT bảng dữ liệu(HTML) 2 Page - Nexperia B.V. All rights reserved

  PHT4NQ10LT Datasheet HTML 1Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 2Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 3Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 4Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 7Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 8Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1.
Product profile
1.1 General description
Logic level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic
package using TrenchMOS technology. This product is designed and qualified for use in
computing, communications, consumer and industrial applications.
1.2 Features and benefits
 Low conduction losses due to low
on-state resistance
 Logic level compatible
1.3 Applications
 DC-to-DC converters
 General purpose switching
 High-speed line drivers
1.4 Quick reference data
2.
Pinning information
PHT4NQ10LT
N-channel TrenchMOS logic level FET
Rev. 2 — 28 October 2011
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 150 °C
-
-
100
V
ID
drain current
Tsp =25 °C; VGS = 5 V; see Figure 1;
see Figure 2
--3.5
A
VGS
gate-source voltage
-16
-
16
V
Static characteristics
RDSon
drain-source on-state
resistance
VGS =5V; ID = 1.75 A; Tj =25°C;
see Figure 10; see Figure 11
-
200
250
m
Ω
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
G
gate
SOT223 (SC-73)
2
D
drain
3S
source
4
D
drain
13
2
4
S
D
G
mbb076



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com