công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZXMN7A11K bảng dữ liệu(PDF) 2 Page - Zetex Semiconductors

tên linh kiện ZXMN7A11K
Giải thích chi tiết về linh kiện  70V N-channel enhancement mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZETEX [Zetex Semiconductors]
Trang chủ  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMN7A11K bảng dữ liệu(HTML) 2 Page - Zetex Semiconductors

  ZXMN7A11K Datasheet HTML 1Page - Zetex Semiconductors ZXMN7A11K Datasheet HTML 2Page - Zetex Semiconductors ZXMN7A11K Datasheet HTML 3Page - Zetex Semiconductors ZXMN7A11K Datasheet HTML 4Page - Zetex Semiconductors ZXMN7A11K Datasheet HTML 5Page - Zetex Semiconductors ZXMN7A11K Datasheet HTML 6Page - Zetex Semiconductors ZXMN7A11K Datasheet HTML 7Page - Zetex Semiconductors ZXMN7A11K Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXMN7A11K
Issue 2 - August 2006
2
www.zetex.com
© Zetex Semiconductors plc 2006
Absolute maximum ratings
NOTES:
(a) For a device surface mounted on 50mm x 50mm x 1.6mm FR4 PCB with high coverage of single sided 2oz copper, in
still air conditions.
(b) For a device surface mounted on FR4 PCB measured at t
10 sec.
(c) Repetitive rating 50mm x 50mm x 1.6mm FR4 PCB, D=0.02 pulse width=300 s - pulse width limited by maximum
junction temperature.
(d) For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in
still air conditions.
Parameter
Symbol
Limit
Unit
Drain-source voltage
VDSS
70
V
Gate-source voltage
VGS
±20
V
Continuous drain current
@ VGS=10V; TA=25°C (b)
@ VGS=10V; TA=70°C (b)
@ VGS=10V; TA=25°C (a)
ID
6.1
4.9
4.2
A
Pulsed drain current (c)
IDM
17
A
Continuous source current (body diode) (b)
IS
8.7
A
Pulsed source current (body diode) (c)
ISM
17
A
Power dissipation at TA =25°C (a)
Linear derating factor
PD
4.06
32.4
W
mW/°C
Power dissipation at TA =25°C (b)
Linear derating factor
PD
8.5
68
W
mW/°C
Power dissipation at TA =25°C (d)
Linear derating factor
PD
2.11
16.8
W
mW/°C
Operating and storage temperature range
Tj, Tstg
-55 to +150
°C
Thermal resistance
Parameter
Symbol
Limit
Unit
Junction to ambient
R JA
30.8
°C/W
Junction to ambient
R JA
14.7
°C/W
Junction to ambient
R JA
59.1
°C/W



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com