| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD30102 bảng dữ liệu(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD30102 bảng dữ liệu(HTML) 23 Page - Renesas Technology Corp |
|
23 / 114 page ![]() µPD30102 21 Preliminary Data Sheet 2. INTERNAL BLOCKS For the internal block configuration, see the figure in P. 4. 2.1 VR4100 CPU Core (1) CPU The CPU processes integer instructions and consists of 64-bit register files, a 64-bit integer data bus, and a sum-of-products operation unit. (2) Coprocessor 0 (CP0) The CP0 has a memory management unit (MMU) and an exception processing function. The MMU translates addresses and checks whether an access is made between different types (user, supervisor, or kernel) of memory segments. Translation of virtual addresses to physical addresses is performed by TLB (high-speed translation lookaside buffer). (3) Instruction cache The instruction cache is 4-Kbyte capacity, consisting of direct mapping, virtual index, and physical tag type. (4) Data cache The data cache is 1-Kbyte capacity, consisting of direct mapping, virtual index, physical tag, and write back type. (5) CPU bus interface The CPU bus interface controls data transfer between the VR4100 CPU core and BCU, one of the peripheral units. As the bus interface for the VR4100 CPU core, two 32-bit address/data multiplexed buses each for input and output, clock signals, and interrupt control signals are used. 2.2 Clock Generator The following clock inputs are oscillated to generate and supply clocks to internal units. • 32.768-kHz clock for RTC. The 32.768-kHz clock generated by the crystal resonator is oscillated by the internal oscillator, and supplied to the RTC unit. • 18.432-MHz clock for serial interface, touch panel interface, and reference operating clock of the VR4102. The 18.432-MHz clock generated by the crystal resonator is oscillated by the internal oscillator, multiplied by PLL (phase-locked loop), to generate the pipeline clock (PClock). The internal bus clock (TClock) is generated from PClock. 2.3 BCU (Bus Control Unit) The BCU internally transfers data with the VR4100 CPU core via SysAD bus (internal). It also controls the LCD controller, DRAM, ROM (flash memory or mask ROM), and PCMCIA controller connected to the system bus, and transfers data with the above devices via ADD and DATA buses. 2.4 RTC (Real-time Clock) The RTC has a precise counter that operates with a 32.768-kHz clock supplied from the clock generator. It also has several counters and compare registers for various interrupts. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |