| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS515 bảng dữ liệu(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS515 bảng dữ liệu(HTML) 6 Page - Microchip Technology |
|
6 / 28 page ![]() HCSXXX DS41256A-page 6 Preliminary 2004 Microchip Technology Inc. TABLE 2-3: HCS300 12 X 16-BIT EEPROM MEMORY MAP TABLE 2-4: HCS301 12 X 16-BIT EEPROM MEMORY MAP TABLE 2-5: HCS320 12 X 16-BIT EEPROM MEMORY MAP Word Address Mnemonic Description 0x00 KEY_0 Word 0 (LSb's) of 64-bit crypt key 0x01 KEY_1 Word 1 of 64-bit crypt key 0x02 KEY_2 Word 2 of 64-bit crypt key 0x03 KEY_3 Word 3 (MSb's) of 64-bit crypt key 0x04 SYNC 16-bit synchronization value 0x05 Reserved Set to 0x0000 0x06 SER_0 Word 0 (LSb's) of 32-bit serial number 0x07 SER_1(1) Word 1 (MSb's) of 32-bit serial number 0x08 SEED_0 Word 0 (LSb's) of 32-bit seed value 0x09 SEED_1 Word 1 (MSb's) of 32-bit seed value 0x0A Reserved Set to 0x0000 0x0B CONFIG Configuration Word Note 1: MSb of this word is used for auto-shutoff timer. Word Address Mnemonic Description 0x00 KEY_0 Word 0 (LSb's) of 64-bit crypt key 0x01 KEY_1 Word 1 of 64-bit crypt key 0x02 KEY_2 Word 2 of 64-bit crypt key 0x03 KEY_3 Word 3 (MSb's) of 64-bit crypt key 0x04 SYNC 16-bit synchronization value 0x05 Reserved Set to 0x0000 0x06 SER_0 Word 0 (LSb's) of 32-bit serial number 0x07 SER_1(1) Word 1 (MSb's) of 32-bit serial number 0x08 SEED_0 Word 0 (LSb's) of 32-bit seed value 0x09 SEED_1 Word 1 (MSb's) of 32-bit seed value 0x0A Reserved Set to 0x0000 0x0B CONFIG Configuration Word Note 1: MSb of this word is used for auto-shutoff timer. Word Address Mnemonic Description 0x00 KEY_0 Word 0 (LSb's) of 64-bit crypt key 0x01 KEY_1 Word 1 of 64-bit crypt key 0x02 KEY_2 Word 2 of 64-bit crypt key 0x03 KEY_3 Word 3 (MSb's) of 64-bit crypt key 0x04 SYNC 16-bit synchronization value 0x05 Reserved Set to 0x0000 0x06 SER_0 Word 0 (LSb's) of 32-bit serial number 0x07 SER_1(1) Word 1 (MSb's) of 32-bit serial number 0x08 — Not used 0x09 — Not used 0x0A Reserved Set to 0x0000 0x0B CONFIG Configuration Word Note 1: MSb of this word is used for auto-shutoff timer. |