| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD16814GS bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD16814GS bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp |
|
10 / 14 page ![]() µPD16814 8 NOTES ON PWM DRIVING CONTROL Keep in mind the following points when executing PWM. • Be sure to input the signals to control PWM driving from IN2 and IN4. • Because the logic of the PWM driving control inputs (IN2 and IN4) to create the Brake status is inverted depending on whether the Forward or Reverse mode is used, care must be exercised when PWM driving is controlled at a duty factor other than 50%. Example 1 PWM driving in Forward mode IN1/IN3 IN2/IN4 FB FB FB FB FB F Correct IN1/IN3 IN2/IN4 FB FB FB FB FB F Incorrect Example 2 PWM driving in Reverse mode IN1/IN3 IN2/IN4 RB RB RB RB RB R Correct IN1/IN3 IN2/IN4 RB RB RB RB RB R Incorrect Remark This is because noise may be output due to the configuration of the internal circuit. |