| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD16682AP bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD16682AP bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp |
|
3 / 58 page ![]() The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. Not all devices/types available in every country. Please check with local NEC representative for availability and additional information. © 1999 MOS INTEGRATED CIRCUIT µµµµ PD16682A 1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM DATA SHEET Document No. S14402EJ1V0DS00 (1st edition) Date Published February 2001 NS CP(K) Printed in Japan The mark 5 5 5 5 shows major revised points. DESCRIPTION The µ PD16682A is a LCD controller/driver that includes enough RAM capacity to drive full-dot LCD displays. Each chip can drive a full-dot LCD display consisting of up to 132 x 65 dots. This chip is suitable for cellular phones, Japanese or Chinese-language pagers, and other devices that display Japanese or Chinese characters using either 16 x 16 or 12 x 12 dots per character. FEATURES • LCD controller/driver with on-chip display RAM • Able to operate using +3-V single power supply • On-chip booster circuit: switchable between 3x and 4x modes • RAM for dot displays: 132 x 65 bits • Outputs : 132 segments, 65 commons • Serial or 8-bit parallel data inputs (switchable between 80 and 68 series CPUs) • On-chip divider resistor • Selectable bias settings (can be set as 1/9 or 1/7 bias) • On-chip oscillation circuit ORDERING INFORMATION Part number Package µ PD16682AW Wafer µ PD16682AP Chip Remark Purchasing the above products in term of chips per requires an exchange of other documents as well, including a memorandum on the product quality. Therefore those who are interested in this regard are advised to contact one of our sales representatives. 5 |