| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD16664 bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD16664 bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp |
|
13 / 54 page ![]() 11 µµµµPD16664 Data Sheet S13780EJ2V1DS00 8. RELATION BETWEEN GRAY LEVELS AND GRAY LEVEL PALETTE DATA The relation between the gray levels and the gray level palette data set by the gray level palette register is as follows: PMODE Gray Level Palette Data Remark D4 D3 D2 D1 D0 Gray level 0 000 00 OFF Gray level 1 000 01 Gray level 2 000 10 Gray level 3 000 11 Gray level 4 001 00 Gray level 5 001 01 Gray level 6 001 10 Gray level 7 001 11 Gray level 8 010 00 1/3 Gray level 9 010 01 Gray level 10 010 10 Gray level 11 010 11 Gray level 12 011 00 Gray level 13 011 01 Gray level 14 011 10 Gray level 15 011 11 Gray level 16 1 0 0 0 0 2/3 Gray level 17 100 01 Gray level 18 100 10 Gray level 19 100 11 Gray level 20 101 00 Gray level 21 101 01 Gray level 22 101 10 Gray level 23 101 11 Gray level 24 110 00 ON |