| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD16663 bảng dữ liệu(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD16663 bảng dữ liệu(HTML) 21 Page - Renesas Technology Corp |
|
21 / 42 page ![]() Data Sheet S13392EJ1V0DS00 19 µµµµPD16663 8. INITIALIZATION FUNCTION Two initialization functions are available in the µPD16663. 8.1 Initialization by /RESET /RESET is used for forcible external initialization of the LSI. When /RESET = L, the internal statuses of the µPD16663 are as follows. ìOscillation stopped ìLCD timing generator initialized ìInternal timing generator initialized ìSelf-diagnostic circuit initialized ìGray scale palette register initialized ìDisplay off The display remains off for 4 frame cycles after /RESET release, even if the /DOFF pin is H. /RESET /FRM 12 345 6 /DOUT Internal status Display off Display on Be sure to initialize the LSI by /RESET when turning on the power. 8.2 Initialization by /REFRH /REFRH is a pin used by the internal self-diagnostic circuit to initialize the LSI when there are mismatches in the timing of the column drivers due to external noise, etc. When /REFRH = L, the internal statuses of the µPD16663 are as follows. ìOscillation stopped ìLCD timing generator initialized ìInternal timing generator initialized ìDisplay off 5 |