| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PESDXUSB3B_SER bảng dữ liệu(PDF) 10 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PESDXUSB3B_SER bảng dữ liệu(HTML) 10 Page - Nexperia B.V. All rights reserved |
|
10 / 18 page ![]() Nexperia PESDxUSB3B/C series ESD protection for differential data lines 7. Application information The device is designed to provide high-level ESD protection for differential high-speed data line pairs such as: • USB 3.2 • HDMI 2.0 • Transition-Minimized Differential Signaling (TMDS) • DisplayPort • external Serial Advanced Technology Attachment (eSATA) • Low Voltage Differential Signaling (LVDS) When designing the Printed-Circuit Board (PCB), give careful consideration to impedance matching and signal coupling. Do not connect the protected signal lines to unlimited current sources like, for example, a battery. Fig. 18. Application diagram: protecting the differential data lines of a USB Type-C connector evaluation dongle with PESD1USB3B/C Since the SuperSpeed TX/RX lines are separated by GND or VBUS from the Hi-Speed lines, PESD1USB3B/C makes it easy to achieve same signal lengths, straight routing, and optimal positioning for ESD protection directly at the connector. PESDXUSB3B_C_SER All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2019. All rights reserved Product data sheet Rev. 2 — 29 January 2019 10 / 18 |