| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PESDXS2UQ_SER bảng dữ liệu(PDF) 2 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PESDXS2UQ_SER bảng dữ liệu(HTML) 2 Page - Nexperia B.V. All rights reserved |
|
2 / 13 page ![]() © Nexperia B.V. 2017. All rights reserved PESDXS2UQ_SER_4 Product data sheet Rev. 04 — 26 January 2010 2 of 13 Nexperia PESDxS2UQ series Double ESD protection diodes in SOT663 package 2. Pinning information 3. Ordering information 4. Marking Table 2. Pinning Pin Description Simplified outline Graphic symbol 1 cathode 1 2 cathode 2 3 common anode 12 3 006aaa154 12 3 Table 3. Ordering information Type number Package Name Description Version PESD3V3S2UQ - plastic surface-mounted package; 3 leads SOT663 PESD5V0S2UQ PESD12VS2UQ PESD15VS2UQ PESD24VS2UQ Table 4. Marking codes Type number Marking code PESD3V3S2UQ E1 PESD5V0S2UQ E2 PESD12VS2UQ E3 PESD15VS2UQ E4 PESD24VS2UQ E5 |