công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT48R01 bảng dữ liệu(PDF) 18 Page - Holtek Semiconductor Inc

tên linh kiện HT48R01
Giải thích chi tiết về linh kiện  10-Pin MSOP I/O Type 8-Bit OTP MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01 bảng dữ liệu(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT48R01 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
HT48R01/HT48R02/HT48R03
Rev. 1.00
18
December 20, 2006
Input/Output Ports
There are 7 bi-directional input/output lines and 1 input
line in the microcontroller, labeled as PA, which are
mapped to the data memory of [12H]. All of the I/O ports
can be used for input or output operations. For input op-
eration, these ports are non-latching, that is, the inputs
must be ready at the T2 rising edge of instruction
²MOV
A,[m]
² (m=12H). For output operation, all the data is
latched and remains unchanged until the output latch is
rewritten. Each I/O line has its own control register
(PAC) to control the input/output configuration (PA7 for
input only). With this control register, a CMOS output or
Schmitt trigger input ( with or without pull-high resistor
structures) can be reconfigured dynamically (i.e.
on-the-fly) under software control ( the PA7 only provide
input mode). To function as an input, the corresponding
latch of the control register must write
²1². The input
source also depends on the control register. If the con-
trol register bit is
²1², the input will read the pad state. If
the control register bit is
²0², the contents of the latches
will move to the internal bus. The latter is possible in the
²read-modify-write² instruction. For output function,
CMOS is the only configuration. These control register
is mapped to locations 13H. After a chip reset, these in-
put/output lines remain at high levels or floating state
(dependent on pull-high options). Each bit of these in-
put/output latches can be set or cleared by
²SET [m].i²
and ²CLR [m].i² (m=12H) instructions. Some instruc-
tions first input data and then follow the output opera-
tions. For example,
²SET [m].i², ²CLR [m].i², ²CPL [m]²,
²CPLA [m]² read the entire port states into the CPU, ex-
ecute the defined operations (bit-operation), and then
write the results back to the latches or the accumulator.
· Wake up and pull-high function
Each line (except PA7) of PA port supports waking-up
MCU and pull-high function which are controlled by
PAWK, PAPU registers respectively. PA7 hasn
¢t
wake-up and pull-high function.
Bit No.
Label
Function
0~6
PAWK0~
PAWK6
PAWKn= 0, PAn wake-up is dis-
able
PAWKn=1, PAn wake-up is en-
able
7
¾
Unused bit, read as
²0²
PAWK (15H) Register
Bit No.
Label
Function
0~6
PAPU0~
PAPU6
PAPUn= 0, PAn pull-up is disable
PAPUn=1, PAn pull-up is enable
7
¾
Unused bit, read as
²0²
PAPU (14H) Register
V D D
M
U
X
M
U
X
B Z E N ( P A 0 / P A 1 )
C o n t r o l B i t
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
D
Q
C K
S
Q
D
Q
C K
S
Q
P A 0 / B Z
P A 1 / B Z
P A 2 / T M R 0
P A 3 / I N T
P A 4 / T M R 1
P A 5 / O S C 2
P A 6 / O S C 1
T M R f o r P A 2 o n l y
I N T f o r P A 3 o n l y
S y s t e m W a k e - u p ( P A 0 ~ P A 6 o n l y )
R e a d D a t a R e g i s t e r
( P A 1 , P A 0 )
( B Z , B Z )
P A W K 6 ~ P A W K 0
P A P U 6 ~ P A P U 0
Input/Output Ports (PA0~PA6)
R e a d D a t a
D a t a B u s
R E S f o r P A 7 o n l y
P A 7
Input/Output Ports (PA7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com