công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT46R322 bảng dữ liệu(PDF) 15 Page - Holtek Semiconductor Inc

tên linh kiện HT46R322
Giải thích chi tiết về linh kiện  A/D with OPA Type 8-Bit OTP MCU
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R322 bảng dữ liệu(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT46R322 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
HT46R322/HT46R342
Rev. 1.00
15
December 21, 2006
Bit No.
Label
Function
0
1
2
PSC0
PSC1
PSC2
Defines the prescaler stages, PSC2, PSC1, PSC0=
000: fINT=fSYS
001: fINT=fSYS/2
010: fINT=fSYS/4
011: fINT=fSYS/8
100: fINT=fSYS/16
101: fINT=fSYS/32
110: fINT=fSYS/64
111: fINT=fSYS/128
3TE
Defines the TMR active edge of the timer/event counter:
In Event Counter Mode (TM1,TM0)=(0,1):
1:count on falling edge;
0:count on rising edge
In Pulse Width measurement mode (TM1,TM0)=(1,1):
1: start counting on the rising edge, stop on the falling edge;
0: start counting on the falling edge, stop on the rising edge
4
TON
Enable or disable the timer counting
(0=disable; 1=enable)
5
¾
Unused bits, read as
²0²
6
7
TM0
TM1
Defines the operating mode (TM1, TM0)=
01=Event count mode (external clock)
10=Timer mode (internal clock)
11=Pulse width measurement mode
00=Unused
TMRC (0EH) Register
Timer/Event Counter
A timer/event counter is implemented in the
microcontroller. The timer/event counter contains an
8-bit programmable count-up counter whose clock
source may come from an external source or from the
system clock.
Using an external clock input allows the user to count
external events, measure time internals or pulse widths,
or generate an accurate time base. While using the in-
ternal clock allows the user to generate an accurate time
base.
The timer/event counter can generate a PFD signal by
using the external or internal clock. The PFD frequency
is determined by the equation fINT/[2
´(256-N)].
There are 2 registers related to the timer/event counter;
TMR and TMRC. Two physical registers are mapped to
the TMR location. Writing to TMR places the start value
in the timer/event counter preload register, while read-
ing TMR retrieves the contents of the timer/event coun-
ter. The TMRC register is a timer/event counter control
register, which defines some options.
The TM0 and TM1 bits define the operating mode. The
event count mode is used to count external events,
which means the clock source emanates from the exter-
nal TMR pin. The timer mode functions as a normal
timer with the clock source coming from the fINT clock.
The pulse width measurement mode can be used to count
the high or low level duration of the external signal on TMR.
The counting is based on fINT.
In the event count or timer mode, once the timer/event
counter starts counting, it will count from the current
contents in the timer/event counter to FFH. Once an
overflow occurs, the counter is reloaded from the
timer/event counter preload register and generates an
interrupt request flag, TF, which is bit 5 of INTC, at the
same time.
In the pulse width measurement mode with the TON and
TE bits equal to one, once TMR has received a transient
from low to high (or high to low if the TE bits is
²0²) it will
start counting until TMR returns to the original level and
resets the TON bit. The measured result will remain in the
timer/event counter even if the activated transient occurs
again. Therefore only a one cycle measurement is made.
Not until the TON bit is once again set, will the cycle mea-
surement function again if further transient pulses are re-
ceived. Note that, in this operating mode, the timer/event
counter starts counting not according to the logic level but
according to the transient edges. In the case of counter
overflows, the counter is reloaded from the timer/event
counter preload register and issues the interrupt request
just like the other two modes. To enable the counting op-
eration, the timer ON bit,TON, which is bit 4 of TMRC,
should be set to 1. In the pulse width measurement
mode, the TON bit will be cleared automatically after the
measurement cycle is completed. But in the other two
modes the TON bit can only be reset by instructions. The
overflow of the timer/event counter is one of the wake-up
sources. No matter what the operation mode is, writing a
0 to ETI can disable the interrupt service.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com