công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LCX646M1R bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện 74LCX646M1R
Giải thích chi tiết về linh kiện  LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX646M1R bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  74LCX646M1R Datasheet HTML 1Page - STMicroelectronics 74LCX646M1R Datasheet HTML 2Page - STMicroelectronics 74LCX646M1R Datasheet HTML 3Page - STMicroelectronics 74LCX646M1R Datasheet HTML 4Page - STMicroelectronics 74LCX646M1R Datasheet HTML 5Page - STMicroelectronics 74LCX646M1R Datasheet HTML 6Page - STMicroelectronics 74LCX646M1R Datasheet HTML 7Page - STMicroelectronics 74LCX646M1R Datasheet HTML 8Page - STMicroelectronics 74LCX646M1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
M74LCX646
5/13
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
1) IO absolute maximum rating must be observed
2) VO < GND
RECOMMENDED OPERATING CONDITIONS
1) Truth Table guaranteed: 1.5V to 3.6V
2) VIN from 0.8V to 2V at VCC = 3.0V
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage (OFF State)
-0.5 to +7.0
V
VO
DC Output Voltage (High or Low State) (note 1)
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
- 50
mA
IOK
DC Output Diode Current (note 2)
- 50
mA
IO
DC Output Current
± 50
mA
ICC
DC Supply Current per Supply Pin
± 100
mA
IGND
DC Ground Current per Supply Pin
± 100
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (note 1)
2.0 to 3.6
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage (OFF State)
0 to 5.5
V
VO
Output Voltage (High or Low State)
0 to VCC
V
IOH, IOL
High or Low Level Output Current (VCC = 3.0 to 3.6V)
± 24
mA
IOH, IOL
High or Low Level Output Current (VCC = 2.7V)
± 12
mA
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (note 2)
0 to 10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com