| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5B36 bảng dữ liệu(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
5B36 bảng dữ liệu(HTML) 3 Page - Analog Devices |
|
3 / 8 page ![]() 5B36 Rev. 0 | Page 3 of 8 5B36 Models Available Model Input Range Output Range 5B36-01 0 Ω to 100 Ω 0 V to +5 V 5B36-02 0 Ω to 500 Ω 0 V to +5 V 5B36-03 0 Ω to 1 kΩ 0 V to +5 V 5B36-04 0 Ω to 10 kΩ 0 V to +5 V 5B36-Custom * * * Custom Input/Output ranges are available. Refer to configuration guide. 5B36 Specifications (typical @ +25°C and Vs = +5 V dc) Description Model 5B36 Input Ranges Standard Ranges 0 Ω to 10 kΩ (Refer to Model Table) Custom Ranges 0 Ω to 10 kΩ (Refer to Ordering Section) Output Range (RL > 50 kΩ) 0 V to +5 V Accuracy1 Initial @ +25°C ±0.08% Span Input Offset vs. Temperature 100 Ω, 500 Ω, 1 kΩ Sensors ±0.004 Ω /°C 10 k Ω Sensor ±0.01 Ω /°C Output Offset vs. Temperature ±20 µV/°C Gain vs. Temperature ±0.003% of Reading/°C Input Resistance Power On > 1000 M Ω Power Off 200 k Ω Overload 200 k Ω Noise Input, 0.1 Hz to 10 Hz Bandwidth 0.2 µV rms Output, 100 kHz Bandwidth 100 µV rms (0.3 mV peak-peak) Output, 1 MHz Bandwidth 1.5 mV peak-peak Output, 5 MHz Bandwidth 6 mV peak-peak Bandwidth, -3 dB 4 Hz Output Rise Time, 10% to 90% Span 100 ms Common-Mode Voltage (CMV) Input-to-Output, Continuous 1500 V rms, maximum |