công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M24128-BWMB3TP/B bảng dữ liệu(PDF) 21 Page - STMicroelectronics

tên linh kiện M24128-BWMB3TP/B
Giải thích chi tiết về linh kiện  128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128-BWMB3TP/B bảng dữ liệu(HTML) 21 Page - STMicroelectronics

Back Button M24128-BWMB3TP/B Datasheet HTML 17Page - STMicroelectronics M24128-BWMB3TP/B Datasheet HTML 18Page - STMicroelectronics M24128-BWMB3TP/B Datasheet HTML 19Page - STMicroelectronics M24128-BWMB3TP/B Datasheet HTML 20Page - STMicroelectronics M24128-BWMB3TP/B Datasheet HTML 21Page - STMicroelectronics M24128-BWMB3TP/B Datasheet HTML 22Page - STMicroelectronics M24128-BWMB3TP/B Datasheet HTML 23Page - STMicroelectronics M24128-BWMB3TP/B Datasheet HTML 24Page - STMicroelectronics M24128-BWMB3TP/B Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
M24128, M24C64, M24C32
DC and AC parameters
21/34
7
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC Characteristic tables that
follow are derived from tests performed under the Measurement Conditions summarized in
the relevant tables. Designers should check that the operating conditions in their circuit
match the measurement conditions when relying on the quoted parameters.
Figure 11.
AC test measurement I/O waveform
Table 8.
Operating conditions (M24128-BW, M24C64-W, M24C32-W)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
2.5
5.5
V
TA
Ambient Operating Temperature (Device Grade 6)
–40
85
°C
Ambient Operating Temperature (Device Grade 3)
–40
125
°C
Table 9.
Operating conditions (M24128-BR, M24C64-R, M24C32-R)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
1.8
5.5
V
TA
Ambient Operating Temperature
–40
85
°C
Table 10.
Operating conditions (M24C64-F, M24C32-F)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
1.7
5.5
V
TA
Ambient Operating Temperature
–20
85
°C
Table 11.
AC test measurement conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load Capacitance
100
pF
Input Rise and Fall Times
50
ns
Input Levels
0.2VCC to 0.8VCC
V
Input and Output Timing Reference Levels
0.3VCC to 0.7VCC
V
AI00825B
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Input and Output
Timing Reference Levels
Input Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com