công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M24C32-RBN3/P bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện M24C32-RBN3/P
Giải thích chi tiết về linh kiện  128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-RBN3/P bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button M24C32-RBN3/P Datasheet HTML 6Page - STMicroelectronics M24C32-RBN3/P Datasheet HTML 7Page - STMicroelectronics M24C32-RBN3/P Datasheet HTML 8Page - STMicroelectronics M24C32-RBN3/P Datasheet HTML 9Page - STMicroelectronics M24C32-RBN3/P Datasheet HTML 10Page - STMicroelectronics M24C32-RBN3/P Datasheet HTML 11Page - STMicroelectronics M24C32-RBN3/P Datasheet HTML 12Page - STMicroelectronics M24C32-RBN3/P Datasheet HTML 13Page - STMicroelectronics M24C32-RBN3/P Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Signal description
M24128, M24C64, M24C32
10/34
Figure 5.
I2C bus protocol
Table 3.
Device select code
Device Type Identifier(1)
1.
The most significant bit, b7, is sent first.
Chip Enable Address(2)
2.
E0, E1 and E2 are compared against the respective external pins on the memory device.
RW
b7
b6
b5
b4
b3
b2
b1
b0
Device Select Code
1
0
1
0
E2
E1
E0
RW
Table 4.
Address most significant byte
b15
b14
b13
b12
b11
b10
b9
b8
Table 5.
Address least significant byte
b7
b6
b5
b4
b3
b2
b1
b0
SCL
SDA
SCL
SDA
SDA
START
Condition
SDA
Input
SDA
Change
AI00792B
STOP
Condition
1
23
7
89
MSB
ACK
START
Condition
SCL
1
23
7
89
MSB
ACK
STOP
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34