| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD9930 bảng dữ liệu(PDF) 47 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD9930 bảng dữ liệu(HTML) 47 Page - Renesas Technology Corp |
|
47 / 80 page ![]() µPD9930 45 4.3.2 Expanded Tone Registers (EXPR1, EXPR2) (1) Expanded Tone Frequency Registration Procedure The µPD9930 can register desired tone frequencies (expanded tone frequencies) in 0.3 to 3.4 kHz range. Expanded tone register 1 (EXPR1) is for registering expanded tone 1 frequency (high group frequency for DTMF and single tone). Expanded tone register 2 (EXPR2) is for registering expanded tone 2 frequency (low frequency for DTMF). The frequency must be specified by 10-bit coefficient (2's complement). Registration of single tone is done with EXPR1 (single-tone generation is impossible by EXPR2) (refer to Figure 4-10 (a)). When registering dual tone, set high group in EXPR1 and low group in EXPR2. Write operation in this register can be executed by continuously writing the expanded tone registration command and expanded tone data command (refer to Figure 4-10). Once registered, the frequency is valid until reset or updated. Figure 4-10 Expanded Tone Frequency Registration Procedure (a) Expanded tone 1 frequency registration procedure <1> Set expanded tone 1 registration command in EXPR1. Expanded tone 1 registration command D7 D6 D5 D4 D3 D2 D1 D0 EXPR1 100110 EA1 EA0 <2> Set higher-order 8 bits of expanded tone coefficient (expanded tone 1 data command) in EXPR1. Expanded tone 1 data command D7 D6 D5 D4 D3 D2 D1 D0 EXPR1 EA9 EA8 EA7 EA6 EA5 EA4 EA3 EA2 Remark EA9 to EA0: Tone 1 frequency 10-bit coefficient (b) Expanded tone 2 frequency registration procedure <1> Set expanded tone 2 registration command in EXPR2. Expanded tone 2 registration command D7 D6 D5 D4 D3 D2 D1 D0 EXPR2 100111 EB1 EB0 <2> Set higher-order 8 bits of expanded tone coefficient (expanded tone 2 data command) in EXPR2. Expanded tone 2 data command D7 D6 D5 D4 D3 D2 D1 D0 EXPR2 EB9 EB8 EB7 EB6 EB5 EB4 EB3 EB2 Remark EB9 to EB0: Tone 2 frequency 10-bit coefficient Caution After executing the expanded tone registration command, the next command is written as expanded tone data, so continuously execute the expanded tone data command. |