| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST19WR08 bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST19WR08 bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
|
3 / 5 page ![]() ST19WR08 Summary description 3/5 Figure 1. Block Diagram 1.2 Software development Software development and firmware generation (ROM and options) are supported by a comprehensive set of development tools, dedicated at development and validation of software: ● Smartcard ICs Emulator ● ST19X simulation package ● ScDevTools environment for WindowsTM NT, 2000, and XP based stations ● Powerful C/C++ compiler and debugger are also available (third-party tools) ● RF contactless demokit based on ISO 14443 type B standards INTERNAL BUS MEMORY ACCESS FIREWALL I/O 1 Serial I/O Inter- face GND 8 Bit CPU 2 x 8 Bit Timer CRC Module CLK Clock Gene- rator Module ST ROM, EDES FIREWALL RAM USER ROM ST ROM and RF LIBRARIES EDES ACCELE- RATOR 552 Vcc Gun A & Gun B Secu- rity Admin. RESET EEPROM IART RF UART RF Inter- face AC0 AC1 |